type? n? female? panel? mount? for? 0.085? in? cf085 - 50? cable ? C085NFPM characteristics general specifications interface? n? female? body? style? panel? mount? mounting? angle? straight? ?? electrical specifications connector? impedance? 50? ohm? operating? frequency? band? 0? C ? 6000? mhz? cable? impedance? 50? ohm? 3rd? order? imd? - 112? dbm? @? 910? mhz? 3rd? order? imd? test? method? two? +43? dbm? carriers? rf? operating? voltage,? maximum? (vrms)? 671.00? v? dc? test? voltage? 1900? v? outer? contact? resistance? 0.25? mohm? inner? contact? resistance? 1.00? mohm? insulation? resistance,? minimum? 5000? mohm? average? power? 0.2? kw? @? 900? mhz? peak? power,? maximum? 0.21? kw? shielding? effectiveness? - 100? db? ?? product specifications from north america, toll free telephone:?1 - 800 - 255 - 1479 fax:?1 - 800 - 349 - 5444 outside north america telephone:?+1 - 708 - 873 - 2307 fax:?+1 - 779 - 435 - 8579 ? ? 2009?commscope, inc. all rights reserved. all specifications are subject to change. please see www.andrew.com for the most current information. page 1 of 3 2/5/2009
outline drawing ?? ?? ?? ?? outer? contact? attachment? method? solder? inner? contact? attachment? method? solder? outer? contact? plating? trimetal? inner? contact? plating? gold? interface? durability? 500? cycles? interface? durability? method? iec? 169 - 4:17? insertion? force? 124.55? n? ? ? |? ? ? 28.00? lbf? insertion? force? method? iec? 169 - 16:9.3.5? pressurizable? no? ?? diameter,? maximum? 25.00? mm? ? ? |? ? ? 0.98? in? height? 32.00? mm? ? ? |? ? ? 1.26? in? length? 27.00? mm? ? ? |? ? ? 1.06? in? weight? 0.85? g? ? ? |? ? ? 0.00? lb? width? 32.00? mm? ? ? |? ? ? 1.26? in? ?? operating? temperature? - 55? c? to? +85? c? ( - 67? f? to? +185? f)? product specifications C085NFPM from north america, toll free telephone:?1 - 800 - 255 - 1479 fax:?1 - 800 - 349 - 5444 outside north america telephone:?+1 - 708 - 873 - 2307 fax:?+1 - 779 - 435 - 8579 ? ? 2009?commscope, inc. all rights reserved. all specifications are subject to change. please see www.andrew.com for the most current information. page 2 of 3 2/5/2009
storage? temperature? - 65? c? to? +125? c? ( - 85? f? to? +257? f)? immersion? depth? 1? m? immersion? test? mating? mated? immersion? test? method? iec? 60529:2001,? ip68? moisture? resistance? test? method? iec? 60068 - 2 - 3? mechanical? shock? test? method? iec? 60068 - 2 - 27? thermal? shock? test? method? iec? 60068 - 2 - 14? vibration? test? method? iec? 60068 - 2 - 6? corrosion? test? method? iec? 60068 - 2 - 11? ?? standard conditions attenuation,? ambient? temperature? 20? c? ? ? |? ? ? 68? f? average? power,? ambient? temperature? 40? c? ? ? |? ? ? 104? f? average? power,? inner? conductor? temperature? 100? c? ? ? |? ? ? 212? f? return loss frequency? band vswr return? loss? (db) 824 C 2700? mhz 1.05 32.00 3000 C 6000? mhz 1.09 27.00 regulatory compliance/certifications agency classification rohs? 2002/95/ec compliant? by? exemption china? rohs? sj/t? 11364 - 2006 above? maximum? concentration? value? (mcv) ? ? *? footnotes immersion? depth? immersion? at? specified? depth? for? 24? hours? product specifications C085NFPM from north america, toll free telephone:?1 - 800 - 255 - 1479 fax:?1 - 800 - 349 - 5444 outside north america telephone:?+1 - 708 - 873 - 2307 fax:?+1 - 779 - 435 - 8579 ? ? 2009?commscope, inc. all rights reserved. all specifications are subject to change. please see www.andrew.com for the most current information. page 3 of 3 2/5/2009
|